Part Number Hot Search : 
LTC4213 W30N60 LTC3827 LTC3713 EFF02FF PUMD10 01515 ER506
Product Description
Full Text Search
 

To Download VLF10040AT-331MR67 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1/1) 001-04 / 20060612 / e531_vlf10040.fm ? all specifications are subject to change without notice. smd inductors(coils) for power line(wound, magnetic shielded) vlf series vlf10040 features  mount area: 9.7 10.0mm low profile: 4.0mm max. height  compare to slf10145(tdk conventional product) type low loss and large current capability design dc resistance: 0.92 slf10145 rated dc current: 1.3 slf10145  generic use for portable dc to dc converter line  high magnetic shield construction should actualize high resolu- tion for emc protection.  available for automatic mounting in tape and real package.  the products do not contain lead and support lead-free solder- ing. applications note book computers, amusement equipment, dvd players, vrms, plasma displays, etc. shapes and dimensions recommended pc board pattern electrical characteristics ? rated current: value obtained when current flows and the temperature has risen to 40c or when dc current flows and the nominal value of inductance has fallen by 30%, whichever is smaller.  operating temperature range: ?40 to +105c (including self-temperature rise) conformity to rohs directive 4.0max. 10.0 0.4 9.7 0.4 dimensions in mm 10.7 7.3 3.6 dimensions in mm part no. inductance (h) inductance tolerance(%) test frequency (khz) dc resistance(m ? ) rated current(a) ? max. typ. based on inductance change max. based on temperature rise typ. vlf10040t-1r0n9r7 1.0 30 100 5.2 4.3 11.9 9.7 vlf10040t-1r5n8r9 1.5 30 100 6.2 5.1 9.9 8.9 vlf10040t-2r2n7r1 2.2 30 100 9.5 7.9 8.2 7.1 vlf10040t-3r3n6r2 3.3 30 100 12.6 10.5 6.7 6.2 vlf10040t-4r7n5r4 4.7 30 100 15.3 12.7 5.4 5.6 vlf10040t-6r8n4r5 6.8 30 100 23.8 19.8 4.6 4.5 vlf10040t-100m3r8 10 20 100 33 28 3.8 3.8 vlf10040t-150m3r1 15 20 100 42 36 3.1 3.3 vlf10040t-220m2r5 22 20 100 58 50 2.5 2.8 vlf10040t-330m2r1 33 20 100 93 80 2.1 2.2 vlf10040t-470m1r7 47 20 100 124 108 1.7 1.9 vlf10040t-680m1r4 68 20 100 178 155 1.4 1.6 vlf10040t-101m1r2 100 20 100 248 216 1.2 1.3 vlf10040t-151mr99 150 20 100 394 343 0.99 1.1 vlf10040t-221mr81 220 20 100 537 467 0.81 0.9 VLF10040AT-331MR67 330 20 100 870 757 0.67 0.7  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.


▲Up To Search▲   

 
Price & Availability of VLF10040AT-331MR67

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X